PART |
Description |
Maker |
FAN6100HM FAN6100HMMPX |
Secondary-Side Constant Voltage and Constant Curren Controller Compatible
|
ON Semiconductor
|
2SA1832 |
High Voltage and High Curren :VCEO=-50V,IC=-150mA(Max.) High hFE: hFE=70 to 400
|
TY Semiconductor Co., Ltd
|
ISPLSI2128VE ISPLSI2128VE-100LB100 ISPLSI2128VE-10 |
3.3V In-System Programmable SuperFAST?High Density PLD CRYSTAL 32.768KHZ 12.5PF SMD 3.3V In-System Programmable SuperFAST?/a> High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3V In-System Programmable SuperFAST High Density PLD CRYSTAL 12.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP176 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 6 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP160 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP100 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3在系统可编程超快⑩高密度可编程逻辑器件 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD 3.3V In-System Programmable SuperFAST?/a> High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
PSD401A1-C-90JI PSD401A1-C-90UI PSD401A2-C-90JI PS |
Low Cost Field Programmable Microcontroller Peripherals Flash In-System Programmable ISP Peripherals For 8-bit MCUs PSD4XX/ZPSD4XX FAMILY FIELD-PROGRAMMABLE MICROCONTROLLER PERIPHERALS
|
ST Microelectronics
|
UPSD3212A-40T6 UPSD3212A-40T6T UPSD3212A-40U6 UPSD |
Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic Flash Programmable System Device with 8032 MCU with USB and Programmable Logic Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
|
ST Microelectronics
|
CY22150FCT CY22150FZXC CY22150FZXCT CY22150FZXI CY |
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
|
Cypress Semiconductor
|
CMPP6027 CMPP6028 CMPP6027TR CMPP6027BK CMPP6027RL |
PROGRAMMABLE UJT SOT-23, 3 PIN SURFACE MOUNT PROGRAMMABLE UNIJUNCTION SILICON TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp
|
GM3038 |
GM3038 - Programmable DynamEQ II Programmable DynamEQII
|
GENNUM[Gennum Corporation]
|
CAT525LI CAT525WI CAT52507 CAT525 |
Configured Digitally Programmable Potentiometer (DPP垄芒): Programmable Voltage Applications Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
|
Catalyst Semiconductor
|
MACH111SP MACH231-14JI/1 MACH131-14JI/1 MACH131-5J |
EMITTER IR 880NM 5MM SMD RADIAL SUR ABSORBER 7MM 430V 1250A ZNR High-Performance EE CMOS Programmable Logic EE PLD, 14 ns, PQCC44 High-Performance EE CMOS Programmable Logic EE PLD, 7.5 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 14 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC68 High-Performance EE CMOS Programmable Logic EE PLD, 10 ns, PQFP100 High-Performance EE CMOS Programmable Logic EE PLD, 7.5 ns, PQCC68 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQFP44 High-Performance EE CMOS Programmable Logic EE PLD, 10 ns, PQFP44 High-Performance EE CMOS Programmable Logic EE PLD, 12 ns, PQCC44 INDUSTRIAL TO RJ45 CAT5E PATCH CORD 15FT EE PLD, 18 ns, PQCC44 INDUSTRIAL TO INDUSTRIAL CAT6 PATCH CORD 5FT EE PLD, 18 ns, PQCC44 INDUSTRIAL TO RJ45 CAT6 PATCH CORD 20FT EE PLD, 15 ns, PQCC84 High-Performance EE CMOS Programmable Logic EE PLD, 15 ns, PQCC44 High-Performance EE CMOS Programmable Logic EE PLD, 15 ns, PQFP44 INDUSTRIAL TO RJ45 CAT5E PATCH CORD 20FT EE PLD, 18 ns, PQCC44 RES 3.32K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA RJ45-DB9M (DTE) Silver Mica Capacitor; Capacitance:62pF; Capacitance Tolerance: /- 5%; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
CAT524 CAT524PTE13 CAT524PITE13 CAT524JITE13 CAT52 |
Configured Digitally Programmable Potentiometer (DPP?: Programmable Voltage Applications Configured Digitally Programmable Potentiometer (DPP垄芒): Programmable Voltage Applications Configured Digitally Programmable Potentiometer (DPP): Programmable Voltage Applications Configured Digitally Programmable Potentiometer (DPP⑩): Programmable Voltage Applications
|
CATALYST[Catalyst Semiconductor]
|